Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7911 Arkusz danych(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7911
Szczegółowy opis  600 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7911 Arkusz danych(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7911 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7911 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DIO7911
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7911• Rev.1.3
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO7911AaaST5
LAXYW
3
Green
-40°C to 125°C
SOT23-5
Tape & Reel, 3000
DIO7911AADJST5
YWAAD
3
Green
-40°C to 125°C
SOT23-5
Tape & Reel, 3000
DIO7911AaaEN4
YWLX
1
Green
-40°C to 125°C
DFN1*1-4
Tape & Reel,10000
DIO7911AaaSC5
YWLX
3
Green
-40°C to 125°C
SC70-5
Tape & Reel, 3000
DIO7911AADJSC5
AADW
3
Green
-40°C to 125°C
SC70-5
Tape & Reel, 3000
DIO7911BaaST5
LBXYW
3
Green
-40°C to 125°C
SOT23-5
Tape & Reel, 3000
DIO7911BADJST5
YWBAD
3
Green
-40°C to 125°C
SOT23-5
Tape & Reel, 3000
DIO7911BaaEN4
YWTX
1
Green
-40°C to 125°C
DFN1*1-4
Tape & Reel,10000
DIO7911BaaSC5
YWTX
3
Green
-40°C to 125°C
SC70-5
Tape & Reel, 3000
DIO7911BADJSC5
BADW
3
Green
-40°C to 125°C
SC70-5
Tape & Reel, 3000
Output Voltage Options
Option Code “
aa”
07
10
11
12
15
18
25
28
30
33
36
50
Voltage
0.75 V
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
3.6 V
5.0 V
Marking Definition: LAXYW / YWAAD / YWLX / AADW / LBXYW / YWBAD / YWTX / BADW
LAXYW
LA: Product code; X: Voltage code; Y: Year code; W: Week code
YWAAD
Y: Year code; W: Week code; AAD: Product code
YWLX
Y: Year code; W: Week code; L: product code; X: Voltage code
AADW
AAD: Product code; W: Week code
LBXYW
LB: Product code; X: Voltage code; Y: Year code; W: Week code
YWBAD
Y: Year code; W: Week code; BAD: Product code
YWTX
Y: Year code; W: Week code; T: Product code; X: Voltage code
BADW
BAD: Product code; W: Week code
Voltage Code
Option Code “
X”
C
D
E
F
G
H
J
K
M
N
P
Q
Voltage
0.75 V
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
3.6 V
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com