Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7913BAAST5 Arkusz danych(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7913BAAST5
Szczegółowy opis  300 mA, Low Noise, Low Quiescent Current LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7913BAAST5 Arkusz danych(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7913BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7913BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DIO7913
Version 1.0, Sep 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
II
■ Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO7913AaaST5
NAXYW
3
Green
-40 to 125 °C
SOT23-5
Tape and Reel, 3000
DIO7913AaaSC5
NXYW
3
Green
-40 to 125 °C
SC70-5
Tape and Reel, 3000
DIO7913AaaDN6
DNAX
3
Green
-40 to 125 °C
DFN2
×2-6
Tape and Reel, 3000
DIO7913AaaCN4
N
1
Green
-40 to 125 °C
DFN0.8
×0.8-4
Tape and Reel, 5000
DIO7913AaaEN4
NXYW
1
Green
-40 to 125 °C
DFN1
×1-4
Tape and Reel,10000
DIO7913BaaST5
NBXYW
3
Green
-40 to 125 °C
SOT23-5
Tape and Reel, 3000
DIO7913BaaSC5
PXYW
3
Green
-40 to 125 °C
SC70-5
Tape and Reel, 3000
DIO7913BaaDN6
DNBX
3
Green
-40 to 125 °C
DFN2
×2-6
Tape and Reel, 3000
DIO7913BaaCN4
N
1
Green
-40 to 125 °C
DFN0.8
×0.8-4
Tape and Reel, 5000
DIO7913BaaEN4
PXYW
1
Green
-40 to 125 °C
DFN1
×1-4
Tape and Reel,10000
Marking Definition
NAXYW / NBXYW
NA / NB: Product code; X: Voltage code; Y: Year; W: Week
NXYW
N: Product code; X: Voltage code; Y: Year; W: Week
PXYW
P: Product code; X: Voltage code; Y: Year; W: Week
DNAX, DNBX
DNA / DNB: Product code; X: Voltage code
N
N: Product code
Output Voltage Options
Option Code “
aa”
10
11
12
15
18
25
28
30
33
Voltage
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Voltage Code
Option Code “
aa”
D
E
F
G
H
J
K
L
M
Voltage
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com