| Zakładka z wyszukiwarką danych komponentów |
|
AM261...ZEJ Arkusz danych(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Arkusz danych(HTML) 11 Page - Texas Instruments |
|
11 / 218 page ![]() 4.2 Related Products Sitara™ Microcontrollers Family of Arm® Cortex®-R based high performance microcontrollers with advanced networking, real-time control, and signal processing accelerators to meet emerging MCU requirements for industrial and automotive applications. Sitara™ Microcontrollers - Evaluation Modules TI provides device-specific Evaluation Module (EVM) designs to help kick-start product development. See the LP-AM261 and AM261-SOM-EVM for more information. MCU-PLUS_SDK_AM261X The AM261x microcontroller (MCU) plus software development kit (SDK) is a unified software platform for embedded processors providing easy setup and fast out-of-the-box access to examples, benchmarks and demonstrations. This software accelerates application development schedules by eliminating creating basic system software functions from scratch. Products to complete your design The following list of products are frequently purchased or used in conjunction with the AM261x device to meet your system design requirements. • TPS65036x-Q1 - Functional safety-compliant multi-rail power supply for safety MCUs applications. • TPS3704-Q1 - Automotive multichannel window supervisor with very-high accuracy and compact form factor. • DP83TG720S-Q1 - 1000BASE-T1 automotive Ethernet PHY with RGMII. • DP83826E - Low latency 10/100Mbps Ethernet PHY with MII interface and enhanced mode. • DP83869HM - Extended temperature, high-immunity gigabit Ethernet PHY transceiver with copper & fiber interface. • TCAN1042H-Q1 - Automotive 70V bus-fault-protected CAN transceiver with flexible data-rate. www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |