Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS1107WL Arkusz danych(PDF) 12 Page - ams-OSRAM AG

Numer części AS1107WL
Szczegółowy opis  8-Digi t LED Display Dr ivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSOSRAM [ams-OSRAM AG]
Strona internetowa  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1107WL Arkusz danych(HTML) 12 Page - ams-OSRAM AG

Back Button AS1107WL Datasheet HTML 8Page - ams-OSRAM AG AS1107WL Datasheet HTML 9Page - ams-OSRAM AG AS1107WL Datasheet HTML 10Page - ams-OSRAM AG AS1107WL Datasheet HTML 11Page - ams-OSRAM AG AS1107WL Datasheet HTML 12Page - ams-OSRAM AG AS1107WL Datasheet HTML 13Page - ams-OSRAM AG AS1107WL Datasheet HTML 14Page - ams-OSRAM AG AS1107WL Datasheet HTML 15Page - ams-OSRAM AG AS1107WL Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.29
10 - 20
AS1106, AS1107
Datasheet - D e t a i l e d D e s c r i p t i o n
8.5.1
Shutdown Register (0xXC)
The Shutdown Register controls AS1106/AS1107 shutdown mode (see Shutdown Mode on page 9).
8.5.2
Decode Enable Register (0xX9)
The Decode Enable Register sets the decode mode. BCD/HEX decoding (either BCD code – characters 0:9, E, H, L, P, and -, or HEX code –
characters 0:9 and A:F) is selected by bit D2 (page 13) of the Feature Register. The Decode Enable Register is used to select the decode mode
or no-decode for each digit. Each bit in the Decode Enable Register corresponds to its respective display digit (i.e., bit D0 corresponds to digit 0,
bit D1 corresponds to digit 1 and so on). Table 10 lists some examples of the possible settings for the Decode Enable Register bits.
Note:
A logic high enables decoding and a logic low bypasses the decoder altogether.
When decode mode is used, the decoder looks only at the lower-nibble (bits D3:D0) of the data in the Digit-Registers, disregarding bits D6:D4.
Bit D7 sets the decimal point (SEG DP) independent of the decoder and is positive logic (bit D7 = 1 turns the decimal point on). Table 10 lists the
code-B font; Table 11 lists the HEX font.
When no-decode mode is selected, data bits D7:D0 of the Digit-Registers correspond to the segment lines of the AS1106/AS1107. Table 12
shows the 1:1 pairing of each data bit to the appropriate segment line.
Figure 13. Standard 7-Segment LED Intensity Control and Inter-Digit Blanking
Table 8. Shutdown Register Format (Address (HEX) = 0xXC))
Mode
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown Mode,
Reset Feature Register to Default Settings
0x00
0
X
X
X
X
X
X
0
Shutdown Mode, Feature Register Unchanged
0x80
1
X
X
X
X
X
X
0
Normal Operation,
Reset Feature Register to Default Settings
0x01
0
X
X
X
X
X
X
1
Normal Operation, Feature Register Unchanged
0x81
1
X
X
X
X
X
X
1
Table 9. Decode Enable Register Format (Address (HEX) = 0xX9))
Decode Mode
HEX Code
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
No decode for digits 7:0
0x00
0
0
0
0
0
0
0
0
Code-B/HEX decode for digit 0. No decode for digits 7:1
0x01
0
0
0
0
0
0
0
1
Code-B/HEX decode for digits 3:0. No decode for digits 7:4
0x0F
0
0
0
0
1
1
1
1
Code-B/HEX decode for digits 7:0
0xFF
1
1
1
1
1
1
1
1
Table 10. Code-B Font
7-Segment Character
Register Data
On Segments = 1
D7
†
D6:D4
D3
D2
D1
D0
DP
†
A
B
C
D
E
F
G
0
X
0
0
0
0
1
1
1
1
1
1
0
1
X
0
0
0
1
0
1
1
0
0
0
0
2
X
0
0
1
0
1
1
0
1
1
0
1
3
X
0
0
1
1
1
1
1
1
0
0
1
4
X
0
1
0
0
0
1
1
0
0
1
1
A
B
G
F
E
D
C
DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22