| Zakładka z wyszukiwarką danych komponentów |
|
AS1130-BSST Arkusz danych(PDF) 5 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130-BSST Arkusz danych(HTML) 5 Page - ams-OSRAM AG |
|
5 / 67 page ![]() Page 4 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Pin Assignment Figure 4: Pin Diagram (Top View) Figure 5: Pin Description Pin Number Pin Name Description 20-Pin WL-CSP 28-Pin SSOP / TSSOP A3 1, 7, 14, 22, 28 GND Ground C3 13 RSTN Reset Input. Pull this pin to logic low to reset all control registers (set to default values). For normal operation pull this pin to VDD. D1 17 ADDR I²C Address. Connect to external resistor for I²C address selection. Up to 8 devices can be connected on one bus. See Figure 30 D2 16 SDA Serial-Data I/O. Open drain digital I/O I²C data pin. D3 15 SCL Serial-Clock Input Pin Assignment 20-pin WL-CSP 28-pin SSOP/TSSOP |