| Zakładka z wyszukiwarką danych komponentów |
|
AS7265X Arkusz danych(PDF) 15 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7265X Arkusz danych(HTML) 15 Page - ams-OSRAM AG |
|
15 / 64 page ![]() Page 14 ams Datasheet Document Feedback [v1-04] 2018-Jul-09 AS7265x − Typical Operating Characteristics Figure 15: AS72651 Spectral Responsivity Figure 16: Optical Characteristics of AS72651 (Pass Band) (1) Symbol Parameter Test Conditions Channel (nm) Min Typ Max Unit R Channel R Incandescent(2),(4) 610 35(3),(4) counts/ (μW/cm2) S Channel S Incandescent(2),(4) 680 35(3),(4) counts/ (μW/cm2) T Channel T Incandescent(2),(4) 730 35(3),(4) counts/ (μW/cm2) U Channel U Incandescent(2),(4) 760 35(3),(4) counts/ (μW/cm2) V Channel V Incandescent(2),(4) 810 35(3),(4) counts/ (μW/cm2) W Channel W Incandescent(2),(4) 860 35(3),(4) counts/ (μW/cm2) FWHM Full Width Half Max 20 nm Wacc Wavelength Accuracy +10 -10 nm 0 0.2 0.4 0.6 0.8 1 1.2 Wavelength (λ, nm) AS72651, 6-Channel Spectral Response R 610 S 680 T 730 U 760 V 810 W 860 |