| Zakładka z wyszukiwarką danych komponentów |
|
RA4M3 Arkusz danych(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M3 Arkusz danych(HTML) 13 Page - Renesas Technology Corp |
|
13 / 98 page ![]() Table 1.15 Pin functions (2 of 4) Function Signal I/O Description GPT GTETRGA, GTETRGB, GTETRGC, GTETRGD Input External trigger input pins GTIOCnA, GTIOCnB I/O Input capture, output compare, or PWM output pins GTIU Input Hall sensor input pin U GTIV Input Hall sensor input pin V GTIW Input Hall sensor input pin W GTOUUP Output 3-phase PWM output for BLDC motor control (positive U phase) GTOULO Output 3-phase PWM output for BLDC motor control (negative U phase) GTOVUP Output 3-phase PWM output for BLDC motor control (positive V phase) GTOVLO Output 3-phase PWM output for BLDC motor control (negative V phase) GTOWUP Output 3-phase PWM output for BLDC motor control (positive W phase) GTOWLO Output 3-phase PWM output for BLDC motor control (negative W phase) AGT AGTEEn Input External event input enable signals AGTIOn I/O External event input and pulse output pins AGTOn Output Pulse output pins AGTOAn Output Output compare match A output pins AGTOBn Output Output compare match B output pins RTC RTCOUT Output Output pin for 1-Hz or 64-Hz clock RTCICn Input Time capture event input pins SCI SCKn I/O Input/output pins for the clock (clock synchronous mode) RXDn Input Input pins for received data (asynchronous mode/clock synchronous mode) TXDn Output Output pins for transmitted data (asynchronous mode/clock synchronous mode) CTSn_RTSn I/O Input/output pins for controlling the start of transmission and reception (asynchronous mode/clock synchronous mode), active- low. CTSn Input Input for the start of transmission. SCLn I/O Input/output pins for the IIC clock (simple IIC mode) SDAn I/O Input/output pins for the IIC data (simple IIC mode) SCKn I/O Input/output pins for the clock (simple SPI mode) MISOn I/O Input/output pins for slave transmission of data (simple SPI mode) MOSIn I/O Input/output pins for master transmission of data (simple SPI mode) RXDXn Input Input pins for received data (Extended Serial Mode) TXDXn Output Output pins for transmitted data (Extended Serial Mode) SIOXn I/O Input/output pins for received or transmitted data (Extended Serial Mode) SSn Input Chip-select input pins (simple SPI mode), active-low IIC SCLn I/O Input/output pins for the clock SDAn I/O Input/output pins for data RA4M3 Datasheet 1. Overview R01DS0368EJ0150 Rev.1.50 Apr 25, 2025 Page 13 of 98 |