| Zakładka z wyszukiwarką danych komponentów |
|
AS7050-BWLM Arkusz danych(PDF) 5 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7050-BWLM Arkusz danych(HTML) 5 Page - ams-OSRAM AG |
|
5 / 20 page ![]() Document Feedback AS7050 General Description Short Datasheet • PUBLIC DS001051 • v1-00 • 2022-Mar-31 19 │ 4 1.1 Key Benefits & Features The benefits and features of AS7050, Analog Frontend for Vital Sign Monitoring are listed below: Figure 1: Added Value of Using AS7050 Benefits Features High flexible LED/photodiode configuration. Up to 8 LED drivers and 6 photodiode input pins. Allows smallest application size e.g. narrow HRM measurement band. Small Wafer-Level-Chip-Scale-Package (WLCSP). Electrocardiogram ECG with dry electrodes. Embedded low noise analog front-end for ECG signals acquisition. Enables blood pressure measurements. Synchronized PPG and ECG acquisition. Good HRM measurement quality. Low noise analog front-end for PPG acquisition Additional information for end user. Analog electrical front-end (e.g. for temperature sensing using a NTC or galvanic skin resistivity (GSR)). Long operating time. Hardware sequencer to offload processor. Adjustable LED driver with current control. Ready for blood oxygen measurement 2 PPG channels useable in simultaneous mode available Acquiring several bio signals in parallel ECG and PPG channels separated and simultaneous useable 1.2 Applications ● Optical sensor platform ● Fitness band ● Smart watch ● Smart patches ● Heart rate monitor ● Hearables ● ECG monitoring ● Cuff-less blood pressure measurements |