| Zakładka z wyszukiwarką danych komponentów |
|
AS7057-BWLT Arkusz danych(PDF) 7 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7057-BWLT Arkusz danych(HTML) 7 Page - ams-OSRAM AG |
|
7 / 14 page ![]() Document Feedback AS7057 Absolute Maximum Ratings Short Datasheet • PUBLIC DS001053 • v1-00 • 2022-May-10 13 │ 6 3 Absolute Maximum Ratings Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only. Functional operation of the device at these or any other conditions, beyond those indicated under “Operating Conditions”, is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Figure 3 Absolute Maximum Ratings of AS7057 Symbol Parameter Min Max Unit Comments Electrical Parameters VDD Supply Voltage 1.98 V VIN Input Pin Voltage to Ground pins -0.3 VDD+0.3V max. 1.98 V V Internal diode to VDD VLED Voltage at Driver -0.3 5.5 V VGND-PGND Analog to Power Ground Voltage Difference ±0.3 V ISCR Input Current (latch-up immunity) ±100 mA Norm: JEDEC JESD78 Connect the specified capacitor on PDREF during latch-up test. ILEDON Average LED ON Current 90 mA DC current with all LEDs ON during all 8 time slots Electrostatic Discharge ESDHBM Electrostatic Discharge HBM ±2.0 kV JS-001-2017 Temperature Ranges and Storage Conditions TSTRG Storage Temperature Range -40 125 °C JESD22-A103 TAMB Operating Free-air Temperature -30 85 °C TBODY Package Body Temperature 260 °C IPC/JEDEC J-STD-020 (1) RHNC Relative Humidity (non-condensing) 5 85 % MSL Moisture Sensitivity Level 1 Maximum floor life time unlimited @ 30°C/85% RHmax (1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” |