Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS7343L Arkusz danych(PDF) 18 Page - ams-OSRAM AG

Numer części AS7343L
Szczegółowy opis  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSOSRAM [ams-OSRAM AG]
Strona internetowa  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343L Arkusz danych(HTML) 18 Page - ams-OSRAM AG

Back Button AS7343L Datasheet HTML 14Page - ams-OSRAM AG AS7343L Datasheet HTML 15Page - ams-OSRAM AG AS7343L Datasheet HTML 16Page - ams-OSRAM AG AS7343L Datasheet HTML 17Page - ams-OSRAM AG AS7343L Datasheet HTML 18Page - ams-OSRAM AG AS7343L Datasheet HTML 19Page - ams-OSRAM AG AS7343L Datasheet HTML 20Page - ams-OSRAM AG AS7343L Datasheet HTML 21Page - ams-OSRAM AG AS7343L Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
Document Feedback
AS7343L
Functional Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 17
8.2
Sensor Array
The device features a 5x5-photodiode array and two near-
infrared response (“NIR”) sense fields and
two large clear photodiodes (“C”).
Figure 14:
Sensor Array
8.3
GPIO
The GPIO can be used synchronization input to start/stop the spectral measurement. It also allows
synchronizing the LED driver (LDR) with an external start/stop signal. Default state of the GPIO is
“output”.
8.4
Interrupt (INT)
The interrupt (INT) can be used to define thresholds and read-out the device only when the channel
threshold has been reached. The pin is active low.
8.5
LED Driver (LDR)
The LED driver is programmable and can be used to drive external LEDs. It is also possible to
synchronize the LED driver with an external start/stop signal via pin GPIO.
F3
C
NIR
FY
F1
F2
F4
F6
520µm
C
NIR
C
C
C
C
F
5
F3
F
5
F6
F7
X
L
F4
F1
F8
F8
F7
X
L
F2
FY
FZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53