| Zakładka z wyszukiwarką danych komponentów |
|
AS89010 Arkusz danych(PDF) 34 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS89010 Arkusz danych(HTML) 34 Page - ams-OSRAM AG |
|
34 / 43 page ![]() ams.com db12348e_V3.11_preliminary_2017-07-06 Page 32 of 41 AS89010 V3.11 Figure 21: Principle program steps of a µC based software to control the converter in CMD and CONT Mode PowerOn- RESET I2C-Read (from MCDC to RAM): CREGL, CREGH, OPTREG, BREAK Modify in RAM: Set MODE in CREGH to 01 (=CMD) Command Measurement Mode (CMD Mode) Continuous Measurement Mode (CONT Mode) Modify in RAM (if desired): R in CREGL T in CREGL DIV/ENDIV in CREGH . . . I2C-Write (from RAM to MCDC): CREGL, CREGH, OPTREG, BREAK I2C-Write OSR register: 0x83 (Change to Measurement state) Wait for READY signal: Interrupt or Polling I2C-Read (from MCDC to RAM): Output Register Bank I2C-Write OSR register: 0x02 (Change to Configuration state) yes PowerOn- RESET I2C-Read (from MCDC to RAM): CREGL, CREGH, OPTREG, BREAK Modify in RAM: Set MODE in CREGH to 00 (=CONT) Modify in RAM (if desired): R in CREGL T in CREGL DIV/ENDIV in CREGH . . . I2C-Write (from RAM to MCDC): CREGL, CREGH, OPTREG, BREAK I2C-Write OSR register: 0x83 (Change to Measurement state) Wait for READY signal: Interrupt or Polling I2C-Read (from MCDC to RAM): Output Register Bank New measurement desired ? I2C-Write OSR register: 0x02 (Change to Configuration state) yes no New settings desired ? no yes I2C-Write OSR register: 0x02 (Change to Configuration state) New measurement desired ? no |