Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLS360 Arkusz danych(PDF) 13 Page - Clarke International

Numer części PLS360
Szczegółowy opis  PETROL POWER WASHER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARKE [Clarke International]
Strona internetowa  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PLS360 Arkusz danych(HTML) 13 Page - Clarke International

Back Button PLS360 Datasheet HTML 9Page - Clarke International PLS360 Datasheet HTML 10Page - Clarke International PLS360 Datasheet HTML 11Page - Clarke International PLS360 Datasheet HTML 12Page - Clarke International PLS360 Datasheet HTML 13Page - Clarke International PLS360 Datasheet HTML 14Page - Clarke International PLS360 Datasheet HTML 15Page - Clarke International PLS360 Datasheet HTML 16Page - Clarke International PLS360 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
3. Refuel in a well-ventilated area
before starting the engine. If the
engine has been running, allow it to
cool. Refuel carefully to avoid spilling
fuel. Do not fill above the fuel strainer
shoulder.
4. After refueling, replace the fuel filler
cap securely.
RECOMMENDED FUEL
Use unleaded petrol with an octane
rating of 86 or higher. Do not overfill.
PRESSURE REGULATOR
When purchased, the pressure regulator
may be set to minimum.
Turn the pressure regulator on the pump
fully clockwise to allow water pressure to
increase when the pressure washer is
running.
If you find the pressure is too high, you
can adjust this later by turning the
regulator anti-clockwise.
SAFETY FEATURES
Bypass mode: In bypass mode, the pump recirculates the water because the trigger
of the spray gun is not being pulled. If the unit is left in bypass mode for more than
two minutes, the water temperature will rise to a dangerous level and could damage
internal components of the pump.
NOTE: Any damage to the pump due to these causes will not be covered under
warranty.
Thermal Relief Valve: In an effort to
prevent damage, pumps are equipped
with a thermal relief valve. This valve will
open when the temperature inside the
pump becomes too high. The valve will
then release a gush of water in an effort
to lower the temperature inside the
pump. Immediately after this occurs, the
valve will close.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com