| Zakładka z wyszukiwarką danych komponentów |
|
CHR71000 Arkusz danych(PDF) 27 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CHR71000 Arkusz danych(HTML) 27 Page - ams-OSRAM AG |
|
27 / 54 page ![]() CHR71000 Functional description Datasheet • PUBLIC • Document Feedback DS000427 • v2-01 • 2026-Mar-18 27 / 54 / If the integration time (in number of lines) is longer than the number of lines in a frame, the start of a frame is delayed until the integration time has finished. Figure 15 shows the timing of reading out 2 frames of 2 lines, with an integration time of 4 line times. Figure 15: Example of readout of 2 frames (2 lines) with 4 lines integration time 7.3.2.1 Using external timing The frame timing (integration and row readout) is controlled with the signals CLK_Y, SYNC_Y_READ and SYNC_Y_INTE. A new line time starts at every rising edge on CLK_Y. A line time can have three functions. The function of a line is defined by the state of SYNC_Y_READ and SYNC_Y_INTE at the time of the rising edge on CLK_Y. The three functions of a line can be: Table 8: Line functions SYNC_Y_READ SYNC_Y_INTE Function 1 1 First line of a frame read-out 0 1 Integration 0 0 Reset. A line is in reset if it is not integrating or being read-out. 1 0 Illegal As an example, the figure showing the timing of reading out 2 frames of 4 lines with an integration time of 2 lines is repeated, but with the timing of the three input pulses, like shown on Figure 16. INTE 1 INTE 2 ROT 1 Read 1 ROT 2 Read 2 Frame 1 Integration Frame 1 Readout ROT 1 Read 1 ROT 2 Read 2 Frame 2 Readout Frame 2 Integration INTE 3 INTE 4 INTE 1 INTE 2 INTE 3 INTE 4 INTE 1 INTE 2 INTE 3 INTE 4 INTE 1 INTE 2 INTE 3 INTE 4 ROW 1 ROW 2 ROW 1 ROW 2 |