| Zakładka z wyszukiwarką danych komponentów |
|
LDS3120005 Arkusz danych(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
LDS3120005 Arkusz danych(HTML) 4 Page - Clarke International |
|
4 / 16 page ![]() 4 ELECTRICAL CONNECTIONS Connect the mains lead to a standard, 230 Volt (50Hz) electrical supply through an approved 13 amp BS 1363 plug, or a suitably fused isolator switch. If the plug has to be changed because it is not suitable for your socket, or because of damage, it must be removed and a replacement fitted, following the wiring instructions shown below. The old plug must be discarded safely, as insertion into a power socket could cause an electrical hazard . If the colours of the wires in the power cable do not agree with the markings on the plug. • The BLUE wire must be connected to the terminal which is marked N or coloured black. • The BROWN wire must be connected to the terminal which is marked L or coloured red. • The YELLOW AND GREEN wire must be connected to the terminal which is marked E or or coloured green. AN APPROVED RESIDUAL CURRENT DEVICE (RCD) WHICH HAS A TRIPPING CURRENT OF LESS THAN 30 mA MUST BE USED. If you are not sure, consult a qualified electrician. DO NOT try to do any repairs. WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE MAINS SUPPLY. WARNING: THE WIRES IN THE POWER CABLE OF THIS PRODUCT ARE COLOURED IN ACCORDANCE WITH THE FOLLOWING CODE: BLUE = NEUTRAL BROWN = LIVE YELLOW AND GREEN = EARTH Plug must be BS1363/A approved. Always fit Ensure that the outer sheath of Neutral (Blue) Live (Brown) Earth (Green and a 13 Amp the cable is firmly held by the clamp fuse. Yellow) |