| Zakładka z wyszukiwarką danych komponentów |
|
R5F10DMGLFB Arkusz danych(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10DMGLFB Arkusz danych(HTML) 39 Page - Renesas Technology Corp |
|
39 / 139 page ![]() RL78/D1A 2. PIN FUNCTIONS R01DS0463EJ0120 Rev. 1.20 Page 39 of 135 Mar 31, 2026 Table 2-6. R5F10DSJ, R5F10DSK, R5F10DSL (3/4) Pin Name I/O Function During Reset After Reset Alternate Function P90 I/O Port 9. 8-bit I/O port. Input/output can be specified in 1-bit units. Use of an on-chip pull-up resistor can be specified by a software setting. Ext.: PD Int.: HZ Input SM31/TI21/TO21/SEG40 P91 SM32/TI23/TO23/SEG41 P92 SM33/SGOA/TI25/TO25/SEG42 P93 SM34/ZPD34/SGO/SGOF/TI27/TO27/SEG43 P94 SM41/RTC1HZ/TI01/TO01/SEG44 P95 SM42/TI03/TO03/SEG45 P96 SM43/TI05/TO05/SEG46 P97 SM44/ZPD44/TI07/TO07/SEG47 P100 I/O Port 10. 8-bit I/O port. Input/output can be specified in 1-bit units. Use of an on-chip pull-up resistor can be specified by a software setting. Ext.: PD Int.: HZ Input TI24/TO24/SEG36 P101 TI25/TO25/SEG37 P102 TI26/TO26/SEG38 P103 TI27/TO27/SEG39 P104 TI01/TO01/SEG44 P105 TI02/TO02/SEG45 P106 TI05/TO05/SEG46 P107 TI06/TO06/SEG47 P110 I/O Port 11. 8-bit I/O port. Input can be set to schmitt 1 input buffer. Input/output can be specified in 1-bit units. Use of an on-chip pull-up resistor can be specified by a software setting. Ext.: PD Int.: HZ Input DBD0/SCK00/TI00/TO00/SEG35 P111 DBD1/SI00/RxD0/TI02/TO02/SEG34 P112 DBD2/SO00/TxD0/TI04/TO04/SEG33 P113 DBD3/TI06/TO06/SEG32 P114 DBD4/TI07/TO07/SEG31 P115 DBD5/TI10/TO10/SEG30 P116 DBD6/TI12/TO12/SEG29 P117 DBD7/TI20/TO20/SEG28 P121 I Port 12. 4-bit Input port, 3-bit I/O port. Input/output of P125 to P127 can be specified in 1-bit units. Use of an on-chip pull-up resistor of P125 to P127 can be specified by a software setting. HZ Input X1 P122 X2/EXCLK P123 XT1 P124 XT2 P125 I/O Ext.: PD Int.: HZ TI12/TO12/SEG25 P126 TI14/TO14/SEG24 P127 TI16/TO16/SEG23 Remark Ext. (external reset): POR reset or pin reset, Int. (internal reset): WDT reset or LVD reset, PD: Pull down, HZ: High impedance <R> |