Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCSP1038 Arkusz danych(PDF) 3 Page - Infinite Electronics International, Inc.

Numer części LCSP1038
Szczegółowy opis  Type N F/F In/Out Bulkhead RF Coaxial Surge Protector DC - 7GHz DC Pass 90W IP67 20kA Gas Discharge Tube BiDirect
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  L-COM [Infinite Electronics International, Inc.]
Strona internetowa  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCSP1038 Arkusz danych(HTML) 3 Page - Infinite Electronics International, Inc.

  LCSP1038 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCSP1038 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCSP1038 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2018 L-com, Inc All Right Reserved
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector DC - 7GHz
DC Pass 90W IP67 20kA Gas Discharge Tube BiDirect
LCSP1038 CAD Drawing
LCSP1038 REV 1.0



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com