Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAPR2 Arkusz danych(PDF) 2 Page - Clarke International

Numer części PAPR2
Szczegółowy opis  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARKE [Clarke International]
Strona internetowa  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR2 Arkusz danych(HTML) 2 Page - Clarke International

  PAPR2 Datasheet HTML 1Page - Clarke International PAPR2 Datasheet HTML 2Page - Clarke International PAPR2 Datasheet HTML 3Page - Clarke International PAPR2 Datasheet HTML 4Page - Clarke International PAPR2 Datasheet HTML 5Page - Clarke International PAPR2 Datasheet HTML 6Page - Clarke International PAPR2 Datasheet HTML 7Page - Clarke International PAPR2 Datasheet HTML 8Page - Clarke International PAPR2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Respirator/Welding Helmet. Before attempting
to use this product, please read this manual thoroughly and follow the instructions
carefully. In doing so you will ensure the safety of yourself and that of others around
you, and you can look forward to your purchase giving you long and satisfactory
service.
PRODUCT DESCRIPTION
This equipment helps protect the user from certain contaminants - the device is
equipped with a particle filter to protect the user from airborne particles (solid and
liquid aerosols). All users must read and understand these instructions and be trained
in the proper use of this equipment according to applicable health and safety
standards. If you have questions about the type of respiratory equipment required,
consult a technical expert.
DO NOT enter a hazardous area until you are sure the respirator equipment is
correctly assembled, working properly and is properly worn.
See Section 3 for information on the auto-darkening helmet assembly.
The powered air-purifying respirator (PAPR) filters contaminated air and blows clean
air into the welding helmet hood through a flexible breathing tube. The respirator
system also generates a positive air pressure to help prevent contaminants in the
environment from entering the hood.
The includes the equipment listed below:
• Helmet with auto darkening lens, hood and headgear.
• Breathing tube
• Air flow-meter
• Blower assembly with filtration system (foam pre-filter, HEPA filter) and
battery status indicator/Air flow speed (Low and High) indicator.
• Belt assembly
• Battery mains charger/lead
• Spare (replacement) filter set
• Spare (replacement) viewing lenses
The respirator equipment operates at temperatures from -5 to 55oC and provides air
flow of 170 LPM (low speed) to 200 LPM (high speed) - under normal conditions.
Battery life is reduced when the unit is used in a dirty environment. If the system air
flow decreases to an unsafe level an alarm will sound, the blower vibrates, and the
Danger light will flash to warn users to immediately leave the contaminated area. Use
the air flowmeter to determine if the unit is supplying adequate amounts of clean air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24