Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMLM2011 Arkusz danych(PDF) 6 Page - Infinite Electronics International, Inc.

Numer części FMLM2011
Szczegółowy opis  SMA High Power Limiter, 1 GHz to 18 GHz, 10W Peak Power, 19 dBm Flat Leakage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRVIEW [Infinite Electronics International, Inc.]
Strona internetowa  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMLM2011 Arkusz danych(HTML) 6 Page - Infinite Electronics International, Inc.

Back Button FMLM2011 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 8Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 9Page - Infinite Electronics International, Inc. FMLM2011 Datasheet HTML 10Page - Infinite Electronics International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
The Right Parts, Right Away
+1 (866) 839-4711 | sales@fairviewmicrowave.com | fairviewmicrowave.com
6
© 2025 Infinite Electronics, Inc. Fairview Microwave is a registered trademark of Infinite Electronics, Inc.
SMA High Power Limiter, 1 GHz to 18 GHz,
10W Peak Power, 19 dBm Flat Leakage
FMLM2011
Input VSWR @+85
℃℃
Insertion Loss @+85
℃℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com