| Zakładka z wyszukiwarką danych komponentów |
|
R5F526TBAGFM Arkusz danych(PDF) 85 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F526TBAGFM Arkusz danych(HTML) 85 Page - Renesas Technology Corp |
|
85 / 142 page ![]() R01DS0407EJ0120 Rev.1.20 Page 85 of 142 Oct 31, 2024 RX26T Group 2. Electrical Characteristics Figure 2.25 Output Disable Time for POEG via Detection Flag in Response to the Input Level Detection of the GTETRGn pin Figure 2.26 Output Disable Time for POEG in Response to Detection of the Output Stopping Signal from GPTW Figure 2.27 Output Disable Time for POEG in Response to Edge Detection Signal from a Comparator Figure 2.28 Output Disable Time for POEG in Response to the Register Setting GTETRGn input (n = A to D) GPTW PWM output pins Outputs disabled tPOEGDI tPOEGW POEGGn.PIDF flag (n = A to D) Note 1. GPTWn.GTST.DTEF (dead time error flag), GPTWn.GTST.OABLF (simultaneous low output flag), or GPTWn.GTST.OABHF (simultaneous high output flag) Output stopping signal from GPTW*1 GPTW PWM output pins Outputs disabled tPOEGDE COMPn edge detection signal (n = 0 to 5) GPTW PWM output pins Outputs disabled tPOEGDC GPTW PWM output pins Outputs disabled tPOEGDS POEGGn.SSF bit (n = A to D) |