| Zakładka z wyszukiwarką danych komponentów |
|
MK50H25DIP Arkusz danych(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25DIP Arkusz danych(HTML) 26 Page - STMicroelectronics |
|
26 / 64 page ![]() 4.2 Initialization Block MK50H25 initialization includes the reading of the Initialization Block in the off-chip memory to obtain the operating parameters. The Initialization Block is defined below. Upon receiving an Init primitive, portions of the Initialization block are read by the MK50H25. The remainder of the Initialization block will be read as needed by the MK50H25. MODE BASE ADDRESS HIGHER ADDR IADR+00 IADR+02 IADR+04 IADR+06 IADR+08 IADR+10 IADR+12 IADR+14 LOCAL STATION ADDRESS REMOTE STATION ADDRESS N1 - MAX FRAME LENGTH IADR+16 IADR+18 IADR+20 IADR+22 IADR+40 IADR+44 THRU IADR+57 ERROR COUNTERS STATUS BUFFER TDRA <15:00> TLEN - TDRA <23:16> RDRA <15:00> RLEN - RDRA <23:16> XID/TEST TX DESCRIPTOR XID/TEST RX DESCRIPTOR ADDRESS N2 + SCALER T1 TIMER TP TIMER T3 TIMER IADR+24 IADR+32 Figure 8: Initialization MK50H25 26/64 |