| Zakładka z wyszukiwarką danych komponentów |
|
M9356-RBN3T Arkusz danych(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M9356-RBN3T Arkusz danych(HTML) 23 Page - STMicroelectronics |
|
23 / 34 page ![]() 23/34 M93S66, M93S56, M93S46 Table 17. AC Characteristics (M93Sx6-W, Device Grade 6) Note: 1. tCHCL + tCLCH ≥ 1 / fC. 2. Chip Select Input (S) must be brought Low for a minimum of tSLSH between consecutive instruction cycles. 3. Current product: identified by Process Identification letter F or M. 4. New product: identified by Process Identification letter W or G. Test conditions specified in Table 9. and Table 6. Symbol Alt. Parameter Min.3 Max.3 Min.4 Max.4 Unit fC fSK Clock Frequency D.C. 1 D.C. 2 MHz tPRVCH tPRES Protect Enable Valid to Clock High 50 50 ns tWVCH tPES Write Enable Valid to Clock High 50 50 ns tCLPRX tPREH Clock Low to Protect Enable Transition 0 0 ns tSLWX tPEH Chip Select Low to Write Enable Transition 250 250 ns tSLCH Chip Select Low to Clock High 250 50 ns tSHCH tCSS Chip Select Set-up Time 100 50 ns tSLSH 2 tCS Chip Select Low to Chip Select High 1000 200 ns tCHCL 1 tSKH Clock High Time 350 200 ns tCLCH 1 tSKL Clock Low Time 250 200 ns tDVCH tDIS Data In Set-up Time 100 50 ns tCHDX tDIH Data In Hold Time 100 50 ns tCLSH tSKS Clock Set-up Time (relative to S) 100 50 ns tCLSL tCSH Chip Select Hold Time 0 0 ns tSHQV tSV Chip Select to Ready/Busy Status 400 200 ns tSLQZ tDF Chip Select Low to Output Hi-Z 200 100 ns tCHQL tPD0 Delay to Output Low 400 200 ns tCHQV tPD1 Delay to Output Valid 400 200 ns tW tWP Erase/Write Cycle time 10 5 ms |