| Zakładka z wyszukiwarką danych komponentów |
|
NR30PNET-222202P1 Arkusz danych(PDF) 2 Page - LUMEL S.A. |
|
|
|||||||||||||||||||||||||||||
NR30PNET-222202P1 Arkusz danych(HTML) 2 Page - LUMEL S.A. |
|
2 / 5 page ![]() www.lumel.com.pl 2 technical data Galvanic isolation AC RS 485 2x inputs outputs RS 485 Zasilanie RS 485 RS 485 Zasilanie RS 485 Zasilanie RS 485 Zasilanie alarm. phaseL1 phaseL2 phaseL3 NR30PNET -RailmountedpoweRnetwoRkmeteRwithPRofiNET 4x RS 485 Supply Ethernet Features RS 485 RTC Password protection THD Ethernet/ Profinet Ethernet/ Profinet Ethernet/ Profinet * -availableonlywithanadditional s4ao module * MeasurinG ranGes Measured value Measuring range l1 l2 l3 Σ class current 1/5 a 1 a~ 5 a~ 0.010 ..0.100..1.200 a (tr_i=1) 0.050 ..0.500.. 6.000 a (tr_i=1) ...20.00 ka (tr_i≠1) • • • 0.2 (en 61557-12) Voltage l-n 57.7 V~ 230 V~ 400 V~ 5.7..11.5 ..70.0 V (tr_u=1) 23.0..46 .. 276.0 V (tr_u=1) 40.0..80 .. 480.0 V (tr_u=1) ...480.0 kV (tr_u≠1) • • • 0.2 (en 61557-12) Voltage l-l 100 V~ 400 V~ 690 V~ 10.0 ..20..120.0 V (tr_u=1) 40.0..80 .. 480.0 V (tr_u=1) 69.0..138 .. 830.0 V (tr_u=1) ...830.0 kV (tr_u≠1) • • • 0.5 (en 61557-12) active power p i, average active power pdt .. (-)1999.9 w ..(-)1999.9 mw (tr_u≠1.tr_i≠1) • • • • 0.5 (en 61557-12) Reactive power Q i .. (-)1999.9 Var ..(-)1999.9 mVar (tr_u≠1.tr_i≠1) • • • • 1 (en 61557-12) apparent power S i, avarage apparent power S dt ..1999.9 Va ..1999.9 mVa (tr_u≠1.tr_i≠1) • • • • 0.5 (en 61557-12) active energy enp (imported or exported) ..(-)1999.9wh ..(-)1999.9mwh(tr_u≠1.tr_i≠1) • 0.2s (en 62053-22) Reactive energy enQ (inductive or capacitive) .. (-)1999.9 Varh ..(-)1999.9 mVarh (tr_u≠1.tr_i≠1) • 1 (en 61557-12) apparent energy enS .. 1999.9 Vah ..1999.9 mVah (tr_u≠1.tr_i≠1) • 0.5 (en 61557-12) active power factor pF i -1.00 ..0 ..1.00 • • • • 1 (en 61557-12) coefficient tg -999,99 .. 0 .. 999,99 • • • • 1 Frequency f 45.00..65.00 hz • 0.1 (en 61557-12) total harmonic distortion of voltage thdu and current thdi 0.0 ..100.0 % • • • • 5 (en 61557-12) amplitudes of the voltage u h1 ...uh50 , and current i h1 … ih50 0.0 ..100.0 % • • • ii (iec61000-4-7) tr_i - Ratio of current transformer = primary current of transformer / Secondary current of current transformer, tr_u - Ratio of voltage transformer = primary voltage of transformer / Secondary voltage of voltage transformer, |