Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC91AS6 Arkusz danych(PDF) 2 Page - Optronics International

Numer części MC91AS6
Szczegółowy opis  Sealed Marker/Clearance Lights - PC Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTRONICS [Optronics International]
Strona internetowa  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

MC91AS6 Arkusz danych(HTML) 2 Page - Optronics International

  MC91AS6 Datasheet HTML 1Page - Optronics International MC91AS6 Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bulk
Polypack
Diodes
Description
Qty
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
MC91 SERIES
Sealed Marker/Clearance Lights ­ PC Rated
Sonically sealed, waterproof
PC rated design
Multiple mounting and wiring options available
Single wire design grounds through mounting hardware
Two­wire design includes both lead and ground wires
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
A91AB
A91ABP
Yellow sealed marker/clearance light, PC rated
100
A91RB
A91RBP
Red sealed marker/clearance light, PC rated
100
MC90AS
Retail pack: Yellow sealed marker/clearance
light, clam
12
MC91AS
Retail kit: A91AB yellow sealed marker light,
A91CB chrome self grounding base, A91LW
single wire plug (black=power), clam
12
MC90RS
Retail pack: Red sealed marker/clearance light,
clam
12
MC91RS
Retail kit: A91RB red sealed marker light,
A91CB chrome self grounding base, A91LW
single wire plug (black=power), clam
12
MC92AB
MC92ABP
DISCONTINUED ­ Kit: A91AB yellow sealed
marker light, A91BB black self grounding base,
A91LW single wire pigtail (black=power)
50
MC92AS
DISCONTINUED (see MC91AS) ­ Retail kit:
A91AB yellow sealed marker light, A91BB self
grounding black base, A91LW single wire plug
(black=power), clam
12
MC92RS
DISCONTINUED (see MC91RS) ­ Retail kit:
A91RB red sealed marker light, A91BB self
grounding black base, A91LW single wire plug
(black=power), clam
12
MC91AS6
DISCONTINUED ­ Retail kit: A91AB yellow
sealed marker light, A91CB chrome self
grounding base, A91LW single wire plug
(black=power), clam
6
Accessories
Bulk
Polypack
Diodes
Description
Qty
A91BB
A91BBP
Black base for mini sealed lights, self grounding
100
A91BOB
A91BOBP
Black base for mini sealed lights, open back
100
A91CB
A91CBP
Chrome base for mini sealed lights, self
grounding
100
A91OB
A91OBP
Chrome base for mini sealed lights, open back
100
A91GB
A91GBP
Flush mount grommet for mini sealed lights,
black
100
A91LW
A91LWP
Single­wire pigtail with .156 molded male bullet,
12” black wire
100
A46PB
A46PBP
Right angle 2­wire pigtail with PL­10 plug, 6”
leads, 4.25mm eyelet on ground wire
100
A86PB
A86PBP
Right angle 2­wire pigtail with PL­10 plug, 18”
leads, 5.5mm eyelet on ground wire
100
Specifications
FMVSS:
P2 PC
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.2A
WT/DIMS:
.066 lbs. / 2.5” x 1.188” x .875”
WARRANTY:
Three Year Warranty



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com