| Zakładka z wyszukiwarką danych komponentów |
|
O36ESC0151F Arkusz danych(PDF) 8 Page - TOKYO KEISO CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
O36ESC0151F Arkusz danych(HTML) 8 Page - TOKYO KEISO CO.,LTD. |
|
8 / 13 page ![]() O3000 Series ORIFLOMETER® TG-F1169-E00 8 TOKYO KEISO CO., LTD. ■ MATERIALS (HIGH TEMPERATURE TYPE) Description Class 1 Class 2 Class 3 Measuring tube Flange connection (JIS-10K) SS400/SGP SUS304 SUS316 Orifice plate SUS304 SUS304 SUS316 Indicator Body SUS304 SUS304 SUS316 Float SUS316/PTFE Case ADC12 Strainer body SUS304 or SCS14 SUS304 or SCS14 SUS316 or SCS14 Strainer SUS304 SUS304 SUS316 1/2” ball valves SCS14A 1/2” pipes SUS304 SUS304 SUS316 1/2” tees SCS13 SCS13 SCS14 Plug SUS304 SUS304 SUS316 Half union SUS316 Pipeline SUS304 SUS304 SUS316 Gasket (strainer part) NBR, FPM, or EPDM NBR, FPM, or EPDM NBR, FPM, or EPDM ■ TEMPERATURE RANGE (HIGH TEMPERATURE TYPE) Fluid temperature range [°C] Indicator Explosion-proof 0 to 135 Internal tube type Flameproof (TIIS) 0 to 149 Internal tube type Non-explosion-proof, intrinsic safety, flameproof (other than TIIS) -20 to 200 External tube type Non-explosion-proof, intrinsic safety |