| Zakładka z wyszukiwarką danych komponentów |
|
WP7113VGC/A Arkusz danych(PDF) 1 Page - Kingbright Corporation |
|
|
|||||||||||||||||||||||||||||
WP7113VGC/A Arkusz danych(HTML) 1 Page - Kingbright Corporation |
|
1 / 6 page ![]() SPEC NO: DSAG5577 REV NO: V.3 DATE: MAY/10/2007 PAGE: 1 OF 6 APPROVED: WYNEC CHECKED: Allen Liu DRAWN: Y.L.LI ERP: 1101016593 T-1 3/4 (5mm) SOLID STATE LAMP PRELIMINARY SPEC ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Part Number: WP7113VGC/A Green Features LOW POWER CONSUMPTION. POPULAR T-1 3/4 DIAMETER PACKAGE. GENERAL PURPOSE LEADS. RELIABLE AND RUGGED. LONG LIFE - SOLID STATE RELIABILITY. AVAILABLE ON TAPE AND REEL. RoHS COMPLIANT. Description The Green source color devices are made with InGaN on G-SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded. Package Dimensions Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ±0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice. |
Podobny numer części - WP7113VGC/A |
|
Podobny opis - WP7113VGC/A |