Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S2-LPS Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części S2-LPS
Szczegółowy opis  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 2Page - STMicroelectronics S2-LPS Datasheet HTML 3Page - STMicroelectronics S2-LPS Datasheet HTML 4Page - STMicroelectronics S2-LPS Datasheet HTML 5Page - STMicroelectronics S2-LPS Datasheet HTML 6Page - STMicroelectronics S2-LPS Datasheet HTML 7Page - STMicroelectronics S2-LPS Datasheet HTML 8Page - STMicroelectronics S2-LPS Datasheet HTML 9Page - STMicroelectronics S2-LPS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
Figure 3. Suggested application diagram (embedded SMPS not used)
C28
XTAL
C16
C11
L8
C0
C30
U3
S2-LP
VDDSMPS
1
SMPS1
2
SMPS2
3
XOUT
4
XIN
5
SDN
6
SCLK
18
SDI
17
SDO
16
VDDRXDIG
15
RXP
14
RXN
13
L5
L6
C10
C13
L10
C29
C14
C6
C31
C21
L9
L3
C32
L7
C17
C3
C5
C2
C4
SHUTDOWN
EXT 1.2-1.8V = VSMPS2
VBATT
VSMPS2
VBATT
Digital interface
Figure 4. Suggested application diagram HPM/LPM (integrated balun, embedded SMPS used)
C2
L0
C0
C3
C4
C16
C6
C5
C21
BALF-SPI2
RX_P
RX_N
TX
GND
GND
ANT
L7
S2-LP
VDDSMPS
1
SMPS1
2
SMPS2
3
XOUT
4
XIN
5
SDN
6
SCLK
18
SDI
17
SDO
16
VDDRXDIG
15
RXP
14
RXN
13
XTAL
C1
SHUTDOWN
VBATT
VSMPS2
VSMPS2
VBATT
Digital interface
S2-LPS
Typical application diagram and pin description
DS13831 - Rev 1
page 6/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73