| Zakładka z wyszukiwarką danych komponentów |
|
VIPER319 Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER319 Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 39 page ![]() Figure 37. Connection for input and output overvoltage protections (iso/non-iso topologies) C1 Cs GND DRAIN GND VCC UVP COMP CONTROL FB VIPER31 CIN RH DIN RL ~ AC OVP RM from VAUX or VOUT C2 R2 The voltage divider equations are: Equation 7 (7) Vin_UVP= VUVPtℎRL−IUVP_pull−up · RH+RM+RL +RL·IUVP_pull−up Equation 8 (8) Vin_OVP= VOVPtℎ− RH RH+RM+RL· RL·IUVP_pull−up ·RH+RM+RL RM+RL Considering that the value of RH is much higher than the values of RM and RL (Mohms vs. kohms), equations 7 and 8 can be approximated into Eq. 7.a) and Eq. 8.a) respectively: Equation 7.a (7.a) Vin_UVP VUVPtℎRL−IUVP_pull−up ·RH+RL·IUVP_pull−up Equation 8.a (8.a) Vin_OVP VOVPtℎ−RL·IUVP_pull−up · RHRM+RL Selecting arbitrarily the RH value, Equation 7.a) can be solved for RL: Equation 9 (9) VIPER31 General description DS13285 - Rev 6 page 24/39 |