| Zakładka z wyszukiwarką danych komponentów |
|
A22Z-R25 Arkusz danych(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 Arkusz danych(HTML) 4 Page - Omron Electronics LLC |
|
4 / 20 page ![]() 4 A22E Subassembled...........The Operation Unit, Lamp, or Switch can be ordered separately. Use them in combination for models that are not available as assembled Units. These can also be used as inventory for maintenance parts. *1.The Operation Unit of A22E exept models with EMO/EMS indication is red. (The engraved mark is not white.) *2. Up to three Switch Units can be mounted for multiple contacts. Operation Unit *1 Non-lighted Lighted (without Voltage Reduction Unit) Lighted (with Voltage Reduction Unit) Switch *2 Operation Unit *1 Operation Unit *1 Lamp Lamp Switch (without Voltage Reduction Unit) Switch (with Voltage Reduction Unit) Incandescent LED LED |