Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS971ILT Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części TS971ILT
Szczegółowy opis  Output rail-to-rail very low noise operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS971ILT Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button TS971ILT Datasheet HTML 6Page - STMicroelectronics TS971ILT Datasheet HTML 7Page - STMicroelectronics TS971ILT Datasheet HTML 8Page - STMicroelectronics TS971ILT Datasheet HTML 9Page - STMicroelectronics TS971ILT Datasheet HTML 10Page - STMicroelectronics TS971ILT Datasheet HTML 11Page - STMicroelectronics TS971ILT Datasheet HTML 12Page - STMicroelectronics TS971ILT Datasheet HTML 13Page - STMicroelectronics TS971ILT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Package information
TS971-TS972-TS974
10/17
3.4
TSSOP8 package information
Figure 16.
TSSOP8 package mechanical drawing
Table 7.
TSSOP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.0256
k
0°8°
0°8°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1
0.039
aaa
0.1
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17