| Zakładka z wyszukiwarką danych komponentów |
|
XPD57045 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
XPD57045 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 8 page ![]() PD57045 PD57045S 6/8 TEST CIRCUIT SCHEMATIC TEST CIRCUIT COMPONENT PART LIST L1 INDUCTOR, 5TURNS AIR WOUND #22AWG, ID=0.059{1.49}, NYLON COATED MAGNET WIRE C7 7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR L2 INDUCTOR, 5TURNS AIR WOUND #22AWG, ID=0.059{1.49}, NYLON COATED MAGNET WIRE C8 7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR FB1 SHIELD BEAD SURFACE MOUNT EMI C9 0.8-8.0pF GIGA TRIM VARIABLE CAPACITOR FB2 SHIELD BEAD SURFACE MOUNT EMI C10 47pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR R1 18K OHM, 1W SURFACE MOUNT CHIP RESI STOR C11 47pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR R2 4.7M OHM, 1W SURFACE MOUNT CHIP RESI STOR C12 1000pF ATC 700B SURFACE MOUNT CERAMIC CHIP CAPACITOR R3 120 OHM,2W SURFACE MOUNT CHIP RESI STOR C13 0.1 µF/500V SURFACE MOUNT CERAMIC CHIP CAPACITOR C1 3pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR C14 10 µF/50V ALUMINNUM ELECTROLYTIC RADIAL LEAD CAPACITOR C2 3pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR C15 47pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR C3 47pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR C16 100pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR C4 0.8-8.0pF GIGA TRIM VARIABLE CAPACITOR C17 0.1 µF/500V SURFACE MOUNT CERAMIC CHIP CAPACITOR C5 7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR C18 220 µF/63V ALUMINUM ELECTROLYTIC RADIAL LEAD CAPACITOR C6 7.5pF ATC 100B SURFACE MOUNT CERAMIC CHIP CAPACITOR Board ROGER, ULTRA LAM 2000 THK 0.030” ε r = 2.55 2oz ED Cu 2 SIDES |