| Zakładka z wyszukiwarką danych komponentów |
|
PZT3906 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PZT3906 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() PZT3906 SMALL SIGNAL PNP TRANSISTOR PRELIMINARY DATA s SILICON EPITAXIAL PLANAR PNP TRANSISTOR s SOT-223 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS s TAPE AND REEL PACKING s THE NPN COMPLEMENTARY TYPE IS PZT3904 APPLICATIONS s WELL SUITABLE FOR SMD MOTHER BOARD ASSEMBLY s SMALL LOAD SWITCH TRANSISTOR WITH HIGH GAIN AND LOW SATURATION VOLTAGE ® INTERNAL SCHEMATIC DIAGRAM June 2002 1 2 2 3 SOT-223 Type Marking PZT3906 3906 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) -60 V VCEO Collector-Emitter Voltage (IB = 0) -40 V VEBO Emitter-Base Voltage (IC = 0) -6 V IC Collector Current -200 mA Ptot Total Dissipation at TC = 25 oC1 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1/4 |
Podobny numer części - PZT3906 |
|
Podobny opis - PZT3906 |