Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD813F1 Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części PSD813F1
Szczegółowy opis  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 15Page - STMicroelectronics PSD813F1 Datasheet HTML 16Page - STMicroelectronics PSD813F1 Datasheet HTML 17Page - STMicroelectronics PSD813F1 Datasheet HTML 18Page - STMicroelectronics PSD813F1 Datasheet HTML 19Page - STMicroelectronics PSD813F1 Datasheet HTML 20Page - STMicroelectronics PSD813F1 Datasheet HTML 21Page - STMicroelectronics PSD813F1 Datasheet HTML 22Page - STMicroelectronics PSD813F1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 120 page
background image
Preliminary
PSD813F1-A
15
9.0
The
PSD813F1
Functional
Blocks
As shown in Figure 1, the PSD813F1 consists of six major types of functional blocks:
t Memory Blocks
t PLD Blocks
t Bus Interface
t I/O Ports
t Power Management Unit
t JTAG Interface
The functions of each block are described in the following sections. Many of the blocks
perform multiple functions, and are user configurable.
9.1 Memory Blocks
The PSD813F1 has the following memory blocks:
• The main Flash memory
• Secondary EEPROM memory
• SRAM.
The memory select signals for these blocks originate from the Decode PLD (DPLD) and
are user-defined in PSDsoft.
Table 8 summarizes the PSD813F1 memory blocks.
Device
Main Flash
EEPROM
SRAM
PSD813F1
128KB
32KB
2KB
Table 8. Memory Blocks
9.1.1 Main Flash and Secondary EEPROM
The 1 Mbit main Flash memory block is divided evenly into eight 16 Kbyte sectors. The
EEPROM memory is divided into four sectors of eight Kbytes each. Each sector of either
memory can be separately protected from program and erase operations.
Flash memory may be erased on a sector-by-sector basis and programmed byte-by-byte.
Flash sector erasure may be suspended while data is read from other sectors of memory
and then resumed after reading.
EEPROM may be programmed byte-by-byte or sector-by-sector, and erasing is automatic
and transparent. The integrity of the data can be secured with the help of Software Data
Protection (SDP). Any write operation to the EEPROM is inhibited during the first five
milliseconds following power-up.
During a program or erase of Flash, or during a write of the EEPROM, the status can be
output on the Rdy/Bsy pin of Port C3. This pin is set up using PSDsoft Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More