Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7719 Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części TDA7719
Szczegółowy opis  3 band car audio processor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7719 Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button TDA7719 Datasheet HTML 12Page - STMicroelectronics TDA7719 Datasheet HTML 13Page - STMicroelectronics TDA7719 Datasheet HTML 14Page - STMicroelectronics TDA7719 Datasheet HTML 15Page - STMicroelectronics TDA7719 Datasheet HTML 16Page - STMicroelectronics TDA7719 Datasheet HTML 17Page - STMicroelectronics TDA7719 Datasheet HTML 18Page - STMicroelectronics TDA7719 Datasheet HTML 19Page - STMicroelectronics TDA7719 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Description
TDA7719
16/45
Since the input stage of this device has different configurations, the corresponding sources
for mixing selector are also different according to the configurations. The following table
defines the available sources for mixing under different configurations.
Note:
Only green cells are allowed mixing input. The red cells are not allowed.
The beep input is available only when DC offset detector function is not used.
4.3
Loudness
There are four parameters programmable in the loudness stage:
4.3.1
Loudness attenuation
Figure 5 shows the attenuation as a function of frequency at fP = 400Hz
Figure 5.
Loudness attenuation @ fP = 400Hz.
Table 8.
Available sources for mixing
Mix selector bits
(Byte2 Bit2~Bit0)
000
001
010
011
100
101
110
111
MixIN0
MixIN1
MixIN2
MixIN3
MixIN4
MixIN5
MixIN6
MixIN7
CFG0
NA
NA
NA
NA
NA
NA
Beep
Mute
CFG1
SE1
SE2
SE3
NA
NA
NA
Beep
Mute
CFG2
SE1
SE2
SE3
SE4
SE5
NA
Beep
Mute
CFG3
SE1
SE2
SE3
MD1
NA
MD2
Beep
Mute
CFG4
NA
NA
NA
NA
NA
NA
Beep
Mute
CFG5
NA
NA
NA
SE4
SE5
NA
Beep
Mute
CFG6
MD3
SE2
SE3
NA
NA
NA
Beep
Mute
CFG7
SE1
SE2
SE3
NA
NA
NA
Beep
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45