| Zakładka z wyszukiwarką danych komponentów |
|
E5DC-RX0ASM-015 Arkusz danych(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX0ASM-015 Arkusz danych(HTML) 18 Page - Omron Electronics LLC |
|
18 / 112 page ![]() E5CC/E5CC-U 18 Model Number Legend ●Plug-in Models E5CC- @@ @ @ U M -000 (Example: E5CC-RW0AUM-000) AB C D E F * The control output can be used as a simple transfer output for the Digital Temperature Controllers manufactured in May 2014 or later. List of Models Heating and Cooling Control ●Using Heating and Cooling Control A Control Output Assignment An auxiliary output is used as the cooling control output. B Control If PID control is used, you can set PID control separately for heating and cooling. This allows you to handle control systems with different heating and cooling response characteristics. Model A B C D E F Meaning Control outputs 1 and 2 No. of auxiliary outputs Power supply voltage Terminal type Input type Options E5CC 48 × 48 mm Control output 1 Control output 2 RW Relay output (SPDT) None QX Voltage output (for driving SSR) None CX Linear current output* None 0 None 1 1 2 2 (one common) A 100 to 240 VAC D 24 VAC/DC U Plug-in model M Universal input HB alarm and HS alarm Communi- cations Event inputs Remote SP Input Transfer out- put 000 --- --- --- --- --- Control output No. of auxiliary outputs Options Model Model HB alarm and HS alarm No. of event inputs Communications Power supply voltage Power supply voltage 100 to 240 VAC 24 VAC/DC Relay output --- --- --- --- E5CC-RW0AUM-000 E5CC-RW0DUM-000 1 E5CC-RW1AUM-000 E5CC-RW1DUM-000 2 E5CC-RW2AUM-000 E5CC-RW2DUM-000 Voltage output (for driving SSR) --- --- --- --- E5CC-QX0AUM-000 E5CC-QX0DUM-000 1 E5CC-QX1AUM-000 E5CC-QX1DUM-000 2 E5CC-QX2AUM-000 E5CC-QX2DUM-000 Linear current output --- --- --- --- E5CC-CX0AUM-000 E5CC-CX0DUM-000 1 E5CC-CX1AUM-000 E5CC-CX1DUM-000 2 E5CC-CX2AUM-000 E5CC-CX2DUM-000 |