| Zakładka z wyszukiwarką danych komponentów |
|
E39-R1 Arkusz danych(PDF) 27 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 Arkusz danych(HTML) 27 Page - Omron Electronics LLC |
|
27 / 38 page ![]() E3X-NH E3X-NH 27 Reflective Indicates models that allow free cutting. Models without this mark do not allow free cutting. E32-D11L E32-D21L Two toothed washers Two hexagon clamping nuts Sensing head (nickel-plated brass) M6 x 0.75 Two optical fiber,2.2 dia. 4 dia. Two, 1.4 dia. E32-D12 3 dia. Two, 1 dia. Heat-shrinking tubing Optical fibers, two, 2.2 dia. Sensing head (stainless) Two hexagon clamping nuts Two toothed washers Sensing head M4 x 0.7 (nickel-plated brass) Two fiber attachments (E39-F9) Two, 0.9 dia. Optical fiber, two, 1 dia. E32-DC200B E32-DC200B4 E32-DC200E Two, 1.0 dia. 2.5 dia. max. Stainless tube (SUS304) Two toothed washers Two hexagon clamping nuts Sensing head M6 x 0.75 (nickel-plated brass) Optical fiber,2.2 dia. Sensing head M3 x 0.5 (SUS304) Two hexagon clamping nuts Two toothed washers Two fiber attachments (E39-F9) Optical fiber, two, 1 dia. Two, 0.5 dia. Note: The value in the parentheses is for the E32-DC200B4. E32-D22L Two, 0.9 dia. 2.7 dia. Sensing head 3 dia. (nickel-plated brass) Optical fiber, two, 1 dia. Two fiber attachments (E39-F9) E32-DC200 Two, 1.0 dia. 4 dia. Two toothed washers Two hexagon clamping nuts Sensing head M6 x 0.75 (ADC) Optical fiber,2.2 dia. 2,000 (standard length) (see note) |