| Zakładka z wyszukiwarką danych komponentów |
|
G9SX-ADA222-T150-R Arkusz danych(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
G9SX-ADA222-T150-R Arkusz danych(HTML) 10 Page - Omron Electronics LLC |
|
10 / 12 page ![]() 10 Safety Sensors / Components DeviceNet Safety NE1A and DST1-I/O-Terminals Single Sensor Application with NE1A and DST1-Safety-IO (up to safety Category 4 acc. EN954-1) Series connection Application, up to 6 Sensors with NE1A or DST1-Safety-IO (up to Safety Category 3 acc. EN954-1) Application with multiple Sensors with NE1A or DST1-Safety-IO (up to Safety Category 4 acc. EN954-1) +24V GND V0 G0 In 1 In 0 NE1A-… DST1-ID DST1-MD DST1-MRD Test 0 Test 1 red blue white black yellow green brown orange NO contact F3S-TGR-NxxC Sensor Magnetic Actuator +24V GND red blue white black yellow green F3S-TGR-NxxC Sensor F3S-TGR-NxxC Sensor F3S-TGR-NxxC Sensor red blue white black yellow green red blue white black yellow green V0 G0 In 1 In 0 Test 0 Test 1 NE1A-… DST1-ID DST1-MD DST1-MRD Magnetic Actuator Magnetic Actuator Magnetic Actuator F3S-TGR-NxxC Sensor F3S-TGR-NxxC Sensor F3S-TGR-NxxC Sensor Magnetic Actuator Magnetic Actuator Magnetic Actuator +24V GND V0 G0 In 1 In 0 Test 0 Test 1 Test 2 In 2 In 5 In 4 In 3 NE1A-… DST1-ID DST1-MD Switch 1: Test 0 In 0 Test 1 In 1 Switch 2: Test 0 In 2 Test 2 In 3 Switch 3: Test 1 In 4 Test 2 In 5 red blue white black yellow green red blue white black yellow green red blue white black yellow green E14E-EN-02+F3S-TGR-N_C+CodedTyp+Datasheet.fm Seite 10 Montag, 25. August 2008 10:56 10 |