| Zakładka z wyszukiwarką danych komponentów |
|
XS2F-M12PVC4A2M Arkusz danych(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS2F-M12PVC4A2M Arkusz danych(HTML) 21 Page - Omron Electronics LLC |
|
21 / 28 page ![]() E2EW Series 21 DC 3-wire NPN OUTPUT Connector Pin Arrangement Operation mode Model Timing chart Output circuit NO E2EW-(Q)XC1 NC E2EW-(Q)XC2 NO+NC E2EW-(Q)XC3 M12 Connector M12 Smartclick Connector BASIC Model Sensing object (%) 100 0 Nonsensing area Rated Sensing distance Stable sensing area ProximitySensor ON OFF ON OFF Operation indicator (orange) Control output OUT 0V Brown (1) Black (4) Blue (3) Load DC10 to 30V +V Proximity sensor main circuit Operation indicator (orange) Control output ON OFF ON OFF Sensing object (%) 100 0 Nonsensing area Rated Sensing distance Stable sensing area ProximitySensor OUT 0V Brown (1) Black (2) Blue (3) Load DC10 to 30V +V Proximity sensor main circuit Sensing object (%) 100 0 Nonsensing area Rated Sensing distance Stable sensing area ProximitySensor ON OFF ON OFF ON OFF Operation indicator (orange) Control output 1 Control output 2 OUT1 0V OUT2 Brown (1) Black (4) Blue (3) White (2) Load Load +V DC10 to 30V Proximity sensor main circuit 1 4 2 3 |