| Zakładka z wyszukiwarką danych komponentów |
|
TYNX08RG Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TYNX08RG Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() TN8, TS8 and TYNx08 Series 6/10 Figure 17: Ordering Information Scheme (TN8 series) Figure 18: Ordering Information Scheme (TS8 series) Figure 19: Ordering Information Scheme (TYN08 series) TN 8 05 - 600 B (-TR) Standard SCR series Sensitivity Voltage Package Packing mode Current 8 = 8A 05 = 5mA 15 = 15mA 600 = 600V 800 = 800V B = DPAK H = IPAK Blanck = Tube -TR = Tape & Reel TS 8 20 - 600 B (-TR) Sensitive SCR series Sensitivity Voltage Package Packing mode Current 8 = 8A 20 = 200µA 600 = 600V 700 = 700V B = DPAK H = IPAK T = TO-220AB Blanck = Tube -TR = Tape & Reel TYN 6 08 RG Standard SCR series Packing mode Current 8 = 8A RG = Tube Voltage 6 = 600V 8 = 800V 10 = 100V |