Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LR-A67F Arkusz danych(PDF) 18 Page - ams-OSRAM AG

Numer części LR-A67F
Szczegółowy opis  SIDELED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSOSRAM [ams-OSRAM AG]
Strona internetowa  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LR-A67F Arkusz danych(HTML) 18 Page - ams-OSRAM AG

Back Button LR-A67F Datasheet HTML 14Page - ams-OSRAM AG LR-A67F Datasheet HTML 15Page - ams-OSRAM AG LR-A67F Datasheet HTML 16Page - ams-OSRAM AG LR-A67F Datasheet HTML 17Page - ams-OSRAM AG LR-A67F Datasheet HTML 18Page - ams-OSRAM AG LR-A67F Datasheet HTML 19Page - ams-OSRAM AG LR-A67F Datasheet HTML 20Page - ams-OSRAM AG LR-A67F Datasheet HTML 21Page - ams-OSRAM AG LR-A67F Datasheet HTML 22Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LR A67F
18 Version 1.8 | 2021-04-28
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the
eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light
sources have a high secondary exposure potential due to their blinding effect. When looking at bright light
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22