Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCT050HDMI-A-RTP Arkusz danych(PDF) 1 Page - Midas Components

Numer części MCT050HDMI-A-RTP
Szczegółowy opis  Interconnect Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIDASDISPLAYS [Midas Components]
Strona internetowa  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT050HDMI-A-RTP Arkusz danych(HTML) 1 Page - Midas Components

  MCT050HDMI-A-RTP Datasheet HTML 1Page - Midas Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCIB-HDMI/HDMI
Specification
Version: 1
Date: 16/04/2018
Revision
Electra House, 32 Southtown Road
Great Yarmouth, Norfolk
NR31 0DU, England
Telephone +44 (0)1493 602602
Fax +44 (0)1493 665111
Email:sales@midasdisplays.com
www.midasdisplays.com
Compatible Displays
MCT050HDMI-A-RTP
MCT050HDMI-A-CTP
MCT070HDMI-B-RTP
MCT070HDMI-B-CTP
MCT101HDMI-A-RTP
MCT101HDMI-A-CTP
Interconnect Board
16/04/2018 First Release.
1
5" HDMI TFT. Resistive and
Capacitive touch, respectively.
7" HDMI TFT. Resistive and
Capacitive touch, respectively.
10.1" HDMI TFT. Resistive and
Capacitive touch, respectively.
Interconnect Board Description
A
Male HDMI Connector
A
A
Midas Components Ltd
MCIB-HDMI/HDMI
1
1.5:1
Allow for +/- 2-3mm
for all dimensions.


Podobny numer części - MCT050HDMI-A-RTP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Conquer Electronics Co....
MCT001 CONQUER-MCT001 Datasheet
196Kb / 1P
8.35 x 3.95 x 5.0 mm
MCT002 CONQUER-MCT002 Datasheet
196Kb / 1P
8.35 x 3.95 x 5.0 mm
MCT004 CONQUER-MCT004 Datasheet
196Kb / 1P
8.35 x 3.95 x 5.0 mm
MCT005 CONQUER-MCT005 Datasheet
196Kb / 1P
8.35 x 3.95 x 5.0 mm
logo
Micro Commercial Compon...
MCT03N06 MCC-MCT03N06 Datasheet
459Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results

Podobny opis - MCT050HDMI-A-RTP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agere Systems
T8207 AGERE-T8207 Datasheet
4Mb / 158P
ATM Interconnect
September 2001
T8208 AGERE-T8208 Datasheet
4Mb / 214P
ATM Interconnect
September 2001
logo
Vitesse Semiconductor C...
VSC7212 VITESSE-VSC7212 Datasheet
504Kb / 34P
Gigabit Interconnect Chip
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
MicroTCA Interconnect Solutions
logo
Mill-Max Mfg. Corp.
804-10-096-10-002000 MILL-MAX-804-10-096-10-002000 Datasheet
102Kb / 2P
Interconnect Header
805-43-096-10-012000 MILL-MAX-805-43-096-10-012000 Datasheet
142Kb / 3P
Interconnect Socket
815-22-032-30 MILL-MAX-815-22-032-30 Datasheet
104Kb / 3P
Interconnect Header
829-22-001-20-002101 MILL-MAX-829-22-001-20-002101 Datasheet
112Kb / 2P
Interconnect Header
logo
Tyco Electronics
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
1718564006 MOLEX1-1718564006 Datasheet
38Kb / 2P
KK Interconnect System
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com