Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DF1335S36B Arkusz danych(PDF) 2 Page - SIPAT Co,Ltd

Numer części DF1335S36B
Szczegółowy opis  DIELECTRIC FILTER SPECIFICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIPAT [SIPAT Co,Ltd]
Strona internetowa  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

DF1335S36B Arkusz danych(HTML) 2 Page - SIPAT Co,Ltd

  DF1335S36B Datasheet HTML 1Page - SIPAT Co,Ltd DF1335S36B Datasheet HTML 2Page - SIPAT Co,Ltd DF1335S36B Datasheet HTML 3Page - SIPAT Co,Ltd DF1335S36B Datasheet HTML 4Page - SIPAT Co,Ltd DF1335S36B Datasheet HTML 5Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
DF1335S36B
Rev. Date
2005-7-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/5
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
DIELECTRIC FILTER SPECIFICATION
Part Number:DF1335S36B
THE SPECIMEN SHOULD SATISFY THE CHARACTERISTICS SPECIFIED IN
ITEM 4
AFTER EXPOSED TO THE TEMPERATURE 85±3℃ FOR 24±2 HOURS.
5-3 COLD PROOF
THE SPECIMEN SHOULD SATISFY THE CHARACTERISTICS SPECIFIED IN
ITEM 4
AFTER EXPOSED TO THE TEMPERATURE -40±3℃ FOR 24±2 HOURS.
5-4 MOISTURE PROOF
THE SPECIMEN SHOULD SATISFY THE CHARACTERISTICS SPECIFIED IN
ITEM 4
AFTER EXPOSED TO THE TEMPERATURE -40℃±3℃ AND HUMIDITY 90 TO
95% FOR
48±2 HOURS.
5-5 VIBRATION
THE SPECIMEN SHOULD SATISFY THE CHARACTERISTICS SPECIFIED IN
ITEM 4
AFTER APPLIED THE VIBRATION OF 10 TO 55Hz WITH AMPLITUDE OF 1.5mm
FOR 2
HOURS EACH FOR X,Y AND Z DIRECTIONS.
5-6 DROP SHOCK
THE SPECIMEN SHOULD SATISFY THE CHARACTERISTICS SPECIFIED IN
ITEM 4
AFTER DROPPED ONTO THE HARD WOODEN BOARD FROM HEIGHT OF 50cm
FOR 3
TIMES TOWARD EACH OF X,Y AND Z DIRECTIONS EXCEPT TERMINAL
DIRECTION.
5-7 SOLDER HEAT PROOF
THE SPECIMEN SHOULD SATISFY THE CHARACTERISTICS SPECIFIED IN
ITEM 4
AFTER THE LENGTH 1 TO 1.5mm FROM BOTTOM OF TERMINAL IS
PRESERVED IN
SOLDER BATH OF 230±10℃ FOR 10±1 SECONDS.
5-8 TENSILE STRENGTH OF TERMINAL
THE SPECIMEN SHOULD SATISFY THE CHARACTERISTICS SPECIFIED IN
ITEM 4 AND
NOT BE BROKEN AFTER TENSILE FORCE OF 1.0Kg IS APPLIED TO THE
TERMINAL IN
THE DIRECTION OF AXIS FOR 10±1 SECOND.



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com