Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L8229 Arkusz danych(PDF) 32 Page - STMicroelectronics

Numer części L8229
Szczegółowy opis  Dual DMOS full bridge stepper/DC motor driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L8229 Arkusz danych(HTML) 32 Page - STMicroelectronics

Back Button L8229 Datasheet HTML 28Page - STMicroelectronics L8229 Datasheet HTML 29Page - STMicroelectronics L8229 Datasheet HTML 30Page - STMicroelectronics L8229 Datasheet HTML 31Page - STMicroelectronics L8229 Datasheet HTML 32Page - STMicroelectronics L8229 Datasheet HTML 33Page - STMicroelectronics L8229 Datasheet HTML 34Page - STMicroelectronics L8229 Datasheet HTML 35Page - STMicroelectronics L8229 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
SPI programming
L8229
32/42
0
0
1
1
0
7x8/fosc
0
0
1
1
1
8x8/fosc
0
1
0
0
0
9x8/fosc
0
1
0
0
1
10x8/fosc
0
1
0
1
0
11x8/fosc
0
1
0
1
1
12x8/fosc
0
1
1
0
0
13x8/fosc
0
1
1
0
1
14x8/fosc
0
1
1
1
0
15x8/fosc
0
1
1
1
1
16x8/fosc
1
0
0
0
0
17x8/fosc
1
0
0
0
1
18x8/fosc
1
0
0
1
0
19x8/fosc
1
0
0
1
1
20x8/fosc
1
0
1
0
0
21x8/fosc
1
0
1
0
1
22x8/fosc
1
0
1
1
0
23x8/fosc
1
0
1
1
1
24x8/fosc
1
1
0
0
0
25x8/fosc
1
1
0
0
1
26x8/fosc
1
1
0
1
0
27x8/fosc
1
1
0
1
1
28x8/fosc
1
1
1
0
0
29x8/fosc
1
1
1
0
1
30x8/fosc
1
1
1
1
0
31x8/fosc
1
1
1
1
1
32x8/fosc
Table 32.
Toff time selected by W1 (continued)
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Toff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42