| Zakładka z wyszukiwarką danych komponentów |
|
HCF40107B Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF40107B Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() HCF40107B 3/11 LOGIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VDD Supply Voltage -0.5 to +22 V VI DC Input Voltage -0.5 to VDD + 0.5 V II DC Input Current ± 10 mA PD Power Dissipation per Package 200 mW Power Dissipation per Output Transistor 100 mW Top Operating Temperature -55 to +125 °C Tstg Storage Temperature -65 to +150 °C Symbol Parameter Value Unit VDD Supply Voltage 3 to 20 V VI Input Voltage 0 to VDD V Top Operating Temperature -55 to 125 °C |