| Zakładka z wyszukiwarką danych komponentów |
|
PEX100S Arkusz danych(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
PEX100S Arkusz danych(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 3 page ![]() 1 Port PCI Express 10/100 Ethernet Network Interface Adapter Card Product ID: PEX100S This PCI Express based 10/100 Ethernet Card provides a simple way to connect a PCIe enabled server or workstation to a 10/100 Ethernet network and offers a broad range of features and functions, including support for both Full and Half Duplex operation as well as Wake On LAN (WOL) Power Management. The PEX100S Ethernet Card includes both standard and low profile brackets and is compatible with most mATX (Slimline) and ATX system form factors, and features Auto MDI/MDIX automatic configuration, which helps to simplify installation and configuration. Certifications, Reports and Compatibility Applications • Replacement Ethernet card for a home or office desktop computer • Adding Ethernet network connectivity for broadband Internet access to an old desktop computer • Adding a second or redundant network connection for a workstation or server |
Podobny numer części - PEX100S |
|
Podobny opis - PEX100S |