| Zakładka z wyszukiwarką danych komponentów |
|
AD9511/PCB Arkusz danych(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9511/PCB Arkusz danych(HTML) 7 Page - Analog Devices |
|
7 / 60 page ![]() AD9511 Rev. B | Page 7 of 60 TIMING CHARACTERISTICS Table 4. Parameter Min Typ Max Unit Test Conditions/Comments LVPECL Termination = 50 Ω to VS − 2 V Output level 3Dh (3Eh) (3Fh)<3:2> = 10b Output Rise Time, tRP 130 180 ps 20% to 80%, measured differentially Output Fall Time, tFP 130 180 ps 80% to 20%, measured differentially PROPAGATION DELAY, tPECL, CLK-TO-LVPECL OUT1 Divide = Bypass 335 490 635 ps Divide = 2 − 32 375 545 695 ps Variation with Temperature 0.5 ps/°C OUTPUT SKEW, LVPECL OUTPUTS OUT1 to OUT0 on Same Part, tSKP2 70 100 140 ps OUT1 to OUT2 on Same Part, tSKP2 15 45 80 ps OUT0 to OUT2 on Same Part, tSKP2 45 65 90 Ps All LVPECL OUT Across Multiple Parts, tSKP_AB3 275 ps Same LVPECL OUT Across Multiple Parts, tSKP_AB3 130 ps LVDS Termination = 100 Ω differential Output level 40h (41h) <2:1> = 01b 3.5 mA termination current Output Rise Time, tRL 200 350 ps 20% to 80%, measured differentially Output Fall Time, tFL 210 350 ps 80% to 20%, measured differentially PROPAGATION DELAY, tLVDS, CLK-TO-LVDS OUT1 Delay off on OUT4 OUT3 to OUT4 Divide = Bypass 0.99 1.33 1.59 ns Divide = 2 − 32 1.04 1.38 1.64 ns Variation with Temperature 0.9 ps/°C OUTPUT SKEW, LVDS OUTPUTS Delay off on OUT4 OUT3 to OUT4 on Same Part, tSKV2 −85 +270 ps All LVDS OUTs Across Multiple Parts, tSKV_AB3 450 ps Same LVDS OUT Across Multiple Parts, tSKV_AB3 325 ps CMOS B outputs are inverted; termination = open Output Rise Time, tRC 681 865 ps 20% to 80%; CLOAD = 3 pF Output Fall Time, tFC 646 992 ps 80% to 20%; CLOAD = 3 pF PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUT1 Delay off on OUT4 Divide = Bypass 1.02 1.39 1.71 ns Divide = 2 − 32 1.07 1.44 1.76 ns Variation with Temperature 1 ps/°C OUTPUT SKEW, CMOS OUTPUTS Delay off on OUT4 OUT3 to OUT4 on Same Part, tSKC2 −140 +145 +300 All CMOS OUT Across Multiple Parts, tSKC_AB3 650 ps Same CMOS OUT Across Multiple Parts, tSKC_AB3 500 ps LVPECL-TO-LVDS OUT Everything the same; different logic type Output Skew, tSKP_V 0.74 0.92 1.14 ns LVPECL to LVDS on same part LVPECL-TO-CMOS OUT Everything the same; different logic type Output Skew, tSKP_C 0.88 1.14 1.43 ns LVPECL to CMOS on same part LVDS-TO-CMOS OUT Everything the same; different logic type Output Skew, tSKV_C 158 353 506 ps LVDS to CMOS on same part |