| Zakładka z wyszukiwarką danych komponentów |
|
ADF4208BRUZ-R7 Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4208BRUZ-R7 Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 24 page ![]() ADF4206/ADF4208 Rev. A | Page 8 of 24 TYPICAL PERFORMANCE CHARACTERISTICS IMPEDANCE (Ω) 50 DATA-FORMAT MA KEYWORD R PARAM-TYPE S FREQ-UNIT GHz FREQ MAGS11 ANGS11 1.35 0.816886959 –51.80711782 1.45 0.825983016 –56.20373378 1.55 0.791737125 –61.21554647 1.65 0.770543186 –61.88187496 1.75 0.793897072 –65.39516615 1.85 0.745765233 –69.24884474 1.95 0.7517547 –71.21608147 2.05 0.745594889 –75.93169947 2.15 0.713387801 –78.8391674 2.25 0.711578577 –81.71934806 2.35 0.698487131 –85.49067481 2.45 0.669871818 –88.41958754 2.55 0.668353367 –91.70921678 FREQ MAGS11 ANGS11 0.0 0.957111193 –3.130429321 0.15 0.963546793 –6.686426265 0.25 0.953621785 –11.19913586 0.35 0.953757706 –15.35637483 0.45 0.929831379 –20.3793432 0.55 0.908459709 –22.69144845 0.65 0.897303634 –27.07001443 0.75 0.876862863 –31.32240763 0.85 0.849338092 –33.68058163 0.95 0.858403269 –38.57674885 1.05 0.841888714 –41.48606772 1.15 0.840354983 –45.97597958 1.25 0.822165839 –49.19163116 Figure 5. S-Parameter Data for the ADF4208 RF1 Input (Up to 2.5 GHz) 0 –5 –10 –15 –20 –25 –30 –35 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 VDD = 5V VP = 5V TA = +85°C TA = +25°C TA = –40°C RF INPUT SENSITIVITY (GHz) Figure 6. ADF4208 RF1 Phase Noise (900 MHz, 200 kHz, 20 kHz) FREQUENCY (Hz) 2k –2k –1k 900M 1k 0 –90 –80 –70 –60 –30 –20 –50 –40 –10 –100 –90.5dBc/Hz REFERENCE LEVEL = –4.2dBm VDD = 3V, VP = 5V ICP = 5mA PFD FREQUENCY = 200kHz LOOP BANDWIDTH = 20kHz RES. BANDWIDTH = 10Hz VIDEO BANDWIDTH = 10Hz SWEEP = 1.9 SECONDS AVERAGES = 19 Figure 7. ADF4208 RF1 Phase Noise (900 MHz, 200 kHz, 20 kHz) FREQUENCY (Hz) 400k –400k –200k 900M 200k 0 –90 –80 –70 –60 –30 –20 –50 –40 –10 –100 VDD = 3V, VP = 5V ICP = 5mA PFD FREQUENCY = 200kHz LOOP BANDWIDTH = 20kHz RES. BANDWIDTH = 1kHz VIDEO BANDWIDTH = 1kHz SWEEP = 2.5 SECONDS AVERAGES = 30 –90.2dBc/Hz REFERENCE LEVEL = –4.2dBm Figure 8. ADF4208 RF1 Reference Spurs (900 MHz, 200 kHz, 20 kHz) FREQUENCY OFFSET FROM 900MHz CARRIER –40 z H M 1 z H 0 0 1 –50 –60 –70 –80 –90 –100 –110 –120 –130 –140 1kHz 10kHz 100kHz 0.52° rms 10dB/DIVISION RL = –40dBc/Hz rms NOISE = 0.52° Figure 9. ADF4208 RF1 Integrated Phase Noise (900 MHz, 200 kHz, 20 kHz) FREQUENCY OFFSET FROM 900MHz CARRIER –40 z H M 1 z H 0 0 1 –50 –60 –70 –80 –90 –100 –110 –120 –130 –140 1kHz 10kHz 100kHz 0.62° rms 10dB/DIVISION RL =–40dBc/Hz rms NOISE = 0.62° Figure 10. ADF4208 RF1 Integrated Phase Noise (900 MHz, 200 kHz, 35 kHz) |