Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS-T-M+F Arkusz danych(PDF) 1 Page - Labfacility Ltd

Numer części AS-T-M+F
Szczegółowy opis  Standard Thermocouple Connector Plug & Socket AS-T-MF Type T ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LABFACILITY [Labfacility Ltd]
Strona internetowa  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

AS-T-M+F Arkusz danych(HTML) 1 Page - Labfacility Ltd

  AS-T-M+F Datasheet HTML 1Page - Labfacility Ltd AS-T-M+F Datasheet HTML 2Page - Labfacility Ltd AS-T-M+F Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Thermocouple Connector Plug &
Socket AS-T-M+F Type T ANSI
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Podobny numer części - AS-T-M+F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Labfacility Ltd
AS-T-MQ+FQ LABFACILITY-AS-T-MQ+FQ Datasheet
783Kb / 3P
Standard Quick Wire Thermocouple Connector Plug & Socket AS-T-MQFQ Type T ANSI
Dec-23
More results

Podobny opis - AS-T-M+F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
logo
Rohm
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
3.1(T-1) Circular Type Standard Type
logo
Winchester Electronics ...
SDKA-91-16 WINCHESTER-SDKA-91-16 Datasheet
82Kb / 1P
TNC (F-M-F) T ADAPTER
logo
Rohm
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
0805<2.0 1.25 t=0.8mm> Standard Type
90885 ROHM-90885 Datasheet
112Kb / 3P
0603<1.6 0.8 t=0.55mm> Standard Type
logo
WAGO Kontakttechnik Gmb...
750-469-000-002 WAGO-750-469-000-002 Datasheet
442Kb / 11P
2-channel analog input; Thermocouple T; Diagnostics
logo
TE Connectivity Ltd
C-2379239 TEC-C-2379239 Datasheet
884Kb / 2P
NECTOR T, 3Pos, SOCKET CONNECTOR CRIMP TYPE
logo
PHOENIX CONTACT
1424712 PHOENIX-1424712 Datasheet
1Mb / 5P
T distributor - SAC-5PT-F/F-M VP
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com