Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AVRL10 Arkusz danych(PDF) 12 Page - TDK Electronics

Numer części AVRL10
Szczegółowy opis  Chip varistors Voltage Protection Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

AVRL10 Arkusz danych(HTML) 12 Page - TDK Electronics

Back Button AVRL10 Datasheet HTML 6Page - TDK Electronics AVRL10 Datasheet HTML 7Page - TDK Electronics AVRL10 Datasheet HTML 8Page - TDK Electronics AVRL10 Datasheet HTML 9Page - TDK Electronics AVRL10 Datasheet HTML 10Page - TDK Electronics AVRL10 Datasheet HTML 11Page - TDK Electronics AVRL10 Datasheet HTML 12Page - TDK Electronics AVRL10 Datasheet HTML 13Page - TDK Electronics AVRL10 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
(12/14)
20231012 / vpd_automotive_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
Automotive grade
Cleaning
(1) If cleaning liquid is inappropriate, residues and other foreign
body of fluxes builds up on chip varistors, and can degrade the per-
formance of chip varistors (particularly the insulation resistance).
(2) Wash conditions may compromise performance of chip varistors
if they are improper (wash due, wash excess).
2-1) For wash due
(a) By substance of a system in flux residue halide, metal including
terminal electrodes may experience corrosion.
(b) Substance of a system in flux residue halide builds up on chip
varistors, and reduces the insulation resistance.
(c) Soluble flux makes comparisons of colophony series flux, and
there is event with trends of significant (1) and(2).
2-2) For excess wash
(1) Owing to lavage, chip varistors deteriorates, and reduces perfor-
mance of chip varistors.
(2) In ultrasonography, when output is passed, substrate resonates
size, and crack occurs in body and sprang of chip varistors in
vibration of substrate. Since this may reduce the strength of the
terminal electrode, please note the following conditions. [Please
review the italicized portion, as I am unsure what you mean to
convey here.]
Ultrasound output
:20W/liter or less
Ultrasound frequency
:40kHz or less
Cleaning time
:5minutes or less
2-3) Concentration including halogen that when cleaning liquid to
pollution, when you released is higher, and may cause similar of
results into wash due.
Substrate handling after component mounting
(1) When substrate is divided, a flexible so that show in following dia-
gram to substrate, and is given by stress including twist, as there is
possibility that crack occurs of chip varistors, please check that
stress is within acceptable limits.
(2) During each substrate operational check, push pressure with
contact failure of check pin of boards checkers of check pin may be
toned up to be prevented. As substrate is bent under loading, chip
varistors is broken owing to stress. There is also the possibility that
solder on the terminal electrode will peel off. Follow the diagram for
reference, and check that the substrate bends, please.
Single-part component handling
To drop impact, as there is possibility that breakage and crack is
entered, do not chip varistors that(1) chip varistors falls.
(2) At stacking storage after implementation and treatment of sub-
strate, corner of boards is regarded as chip varistors. Please be
careful, as there is the possibility that breakage and cracks will
occur on impact.
Attention after implementation
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
Bends
Twist
Item
Cases to avoid
Recommended case
Substrate sags
Peeling
Check pin
Check pin
Support pin
Floor
Crack
Board
Crack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com