Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SDOCK2U33EB Arkusz danych(PDF) 1 Page - StarTech.com Ltd.

Numer części SDOCK2U33EB
Szczegółowy opis  USB 3.0 / eSATA Dual Hard Drive Docking Station with UASP for 2.5/3.5in SATA SSD / HDD – SATA 6 Gbps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STARTECH [StarTech.com Ltd.]
Strona internetowa  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SDOCK2U33EB Arkusz danych(HTML) 1 Page - StarTech.com Ltd.

  SDOCK2U33EB Datasheet HTML 1Page - StarTech.com Ltd. SDOCK2U33EB Datasheet HTML 2Page - StarTech.com Ltd. SDOCK2U33EB Datasheet HTML 3Page - StarTech.com Ltd. SDOCK2U33EB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB 3.0 / eSATA Dual Hard Drive Docking Station with UASP for 2.5/3.5in SATA SSD / HDD – SATA 6
Gbps
StarTech ID: SDOCK2U33EB
The SDOCK2U33EB Dual 2.5/3.5" SATA hard drive docking station lets you dock and swap hard drives from your
desktop or laptop computer simultaneously using a single eSATA or USB port.
For fast performance and efficient data transfers when connected through eSATA, the docking station supports full
SATA III transfer speeds -- up to 6 Gbps. For universal compatibility, the dock can be connected through USB
3.0 with transfer speeds up 5 Gbps plus support for UASP, which supports performance up to 70% faster than
conventional USB 3.0 when paired with a UASP-enabled host controller to utilize the full potential of your SATA III
hard drives. See our UASP testing results below for further details.
The hard drive docking station supports the fastest drive technologies including SATA III (6 Gbps), hybrid drives and
solid state drives (SSD), ensuring you can save time by getting the most out of your drive performance.
Extend the value of this hard drive docking station further with the addition of our SATA to IDE Hard Drive Adapter
(SAT2IDEADP), allowing easy insertion of any 2.5 or 3.5in. IDE hard drive into a SATA hard drive dock.
To ensure compatibility with your computer system, the SDOCK2U33EB supports all of the leading operating
systems, including: Microsoft Windows® (8/7/Vista/XP/Server 2008/Server 2003), Apple® OSX
(10.9/10.8/10.7/10.6), Linux, and Google Chrome OS™.
The SDOCK2U33EB is backed by a StarTech.com 2-year warranty and free lifetime technical support.
Improved Performance with UASP
UASP is supported in Windows 8, Mac OSX (10.8 or above), and Linux. In testing, UASP performs with a 70%
faster read speed and 40% faster write speed over traditional USB 3.0 at peak performance.


Podobny numer części - SDOCK2U33EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
StarTech.com Ltd.
SDOCK2U313R STARTECH-SDOCK2U313R Datasheet
278Kb / 5P
USB 3.1 (10Gbps) Standalone Duplicator Dock for 2.5" & 3.5" SATA SSD/HDD Drives - with Fast-Speed Duplication up to 28GB/min
More results

Podobny opis - SDOCK2U33EB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U338000SATA TRIPPLITE-U338000SATA Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
U339000 TRIPPLITE-U339000 Datasheet
504Kb / 2P
USB 3.0 SuperSpeed to SATA External Hard Drive Docking Station for 2.5in or 3.5in HDD
U339002 TRIPPLITE-U339002 Datasheet
531Kb / 2P
USB 3.0 SuperSpeed to Dual SATA External Hard Drive Docking Station with Cloning for 2.5in-3.5in HDD
U457-025-AG2 TRIPPLITE-U457-025-AG2 Datasheet
180Kb / 3P
USB 3.1 Gen 1 (5 Gbps) 2.5 in. SATA SSD/HDD to USB-A Enclosure Adapter with UASP Support
U338-06N-SATA-B TRIPPLITE-U338-06N-SATA-B Datasheet
169Kb / 3P
USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Black
U338-06N-SATA-W TRIPPLITE-U338-06N-SATA-W Datasheet
167Kb / 3P
USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, White
U357-025-2 TRIPPLITE-U357-025-2 Datasheet
171Kb / 3P
Dual-Bay USB 3.0 SuperSpeed to 2.5 in. SATA III Portable Hard Drive RAID Enclosure with UASP Support
U357-025-UASP TRIPPLITE-U357-025-UASP Datasheet
164Kb / 3P
USB 3.0 SuperSpeed External 2.5 in. SATA Hard Drive Enclosure with Built-In Cable and UASP Support
U339-004 TRIPPLITE-U339-004 Datasheet
168Kb / 4P
4-Bay USB 3.0/eSATA to SATA Docking Station with Cloning, 2.5 in. to 3.5 in. SATA Hard Drives
logo
Coolgear Inc.
SSX-35SB COOLGEAR-SSX-35SB Datasheet
341Kb / 2P
SATA Docking Station with USB 2.0
More results


Html Pages

1 2 3 4