Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EMPLUS-CD Arkusz danych(PDF) 8 Page - PANDUIT CORP.

Numer części EMPLUS-CD
Szczegółowy opis  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANDUIT [PANDUIT CORP.]
Strona internetowa  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

EMPLUS-CD Arkusz danych(HTML) 8 Page - PANDUIT CORP.

Back Button EMPLUS-CD Datasheet HTML 4Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 5Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 6Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 7Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 8Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 9Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 10Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 11Page - PANDUIT CORP. EMPLUS-CD Datasheet HTML 12Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
www.panduit.com
Chemical Resistance
The harshest environments often expose critical identification labels and
markers to chemical, fluids, and oils. Panduit materials, such as fluid-resistant
heat shrink, are tested to the highest industry standards against some of the
most extreme chemicals. Through this exhaustive research, Panduit products
are the preferred solutions to meet AMS-DTL-23053/6 Class 1 and NF F00-608
Class A & H, SAE-AS5942, MIL-STD-883F Method 2015.13, Solutions A and
D, and MIL-STD-202G Method 215K, Solutions A, and D. These standards
are particularly important for certain industries such as rail transit, aerospace,
and industrial construction.
= Lowest recommendation
= Acceptable with some chemicals
= Highest recommendation
Acids
GROUP
Alcohols
Bases
Cleaner/Degreaser
Detergents
Fuels
Hydraulic Fluids
Oils
Organic Solvents
Salt Solutions
Water



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17